Part Number Hot Search : 
TF361S HSM390G B250C37 XR8038 855729 68HC05B MBR1060 C100B
Product Description
Full Text Search
 

To Download FZT749NL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 1998 fzt 749 pn p low saturation transistor these devices are designed with high current gain and low saturation voltage with co llector currents up to 3a con tinuous. absolute maximum ratings* t a = 25c unless otherwise noted c -55 to +150 operating and storage junction temperature range t j, t stg a 3 collector current - continuous i c v 5 emitter-base voltage v ebo v 35 collector-base voltage v cbo v 25 collector-emitter voltage v ceo units f zt 749 parameter symbol *these ratings are limiting values above which the serviceability of any semiconductor device may be impaired. notes: 1) these ratings are based on a maximum junction temperature of 150c. 2) these are steady state limits. the factory should be consulted on applications involving pulsed or low duty cycle ope rations. thermal characteristics t a = 25c unless otherwise noted c/w 62.5 thermal resistance, junction to ambient r q ja w 2 total device dissipation p d fzt 749 units max characteristic symbol page 1 of 2 fzt749 .lwp p r pc 7/10/98 rev b c e c b sot-223 fzt749 discrete power & signal technologies ? 1998 fairchild semiconductor corporation
- 100 i c = 100 ma,v ce = 5 v, f= 10 0mhz transi tion frequ enc y f t pf 100 v cb = 10 v, i e = 0, f = 1mhz output capacitance c o bo small signal characteristics v 1 i c = 1 a, v ce = 2 v base-emitter on voltage v be(on) v 1.25 i c = 1 a, i b = 100 ma base-emitter saturation voltage v be( sat ) mv 300 600 i c = 1 a, i b = 100 ma i c = 3 a, i b = 300 ma collector-emitter saturation voltage v ce(sat) - 300 70 100 75 15 i c = 50 ma, v ce = 2 v i c = 1 a, v ce = 2 v i c = 2 a, v ce = 2 v i c = 6 a, v ce = 2 v dc current gain h fe on characteristics * n a 100 v eb = 4v emitter cutoff current i ebo n a ua 100 10 v cb = 30 v v cb = 30 v, t a =100 c collector cutoff current i cbo v 5 i e = 100 m a emitter-base breakdown voltage bv ebo v 35 i c = 100 m a collector-base breakdown voltage bv cbo v 25 i c = 10 ma collector-emitter breakdown voltage bv ceo off characteristics units max min test conditions parameter symbol pn p low saturation transi stor (continued) electrical characteristics t a = 25c unless otherwise noted *pulse test: pulse width 300 m s, duty cycle 2.0% page 2 of 2 fzt749 .lwp p r pc 7/10/98 rev b fzt749 fzt749 fzt749
disclaimer fairchild semiconductor reserves the right to make changes without further notice t o any products herein t o improve reliability , function or design. fairchild does not assume any liability arising out of the applica tion or use of any product or circuit described herein; neither does it convey any license under its p a tent rights, nor the rights of others. trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production optologic? optoplanar? pacman? pop? power247? powertrench qfet? qs? qt optoelectronics? quiet series? silent switcher fast fastr? frfet? globaloptoisolator? gto? hisec? isoplanar? littlefet? microfet? micropak? microwire? rev. h4 a acex? bottomless? coolfet? crossvolt ? densetrench? dome? ecospark? e 2 cmos tm ensigna tm fact? fact quiet series? smart start? star*power? stealth? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? trutranslation? uhc? ultrafet a a a star*power is used under license vcx?


▲Up To Search▲   

 
Price & Availability of FZT749NL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X